Part Number Hot Search : 
38999 E712531 EPS448 74HC540 C1226A 00TTS EUA6011 74HC699
Product Description
Full Text Search
 

To Download GMR7590-15S1ANM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro-D PCB
GMR7590 Right Angle Micro-D Connectors
A B C D E F G H J K L M N P
No Jackpost, No Threaded Insert In PCB Mtng Hole No Jackpost, Threaded Insert In PCB Mounting Hole GMR7590 - 31 s 2 B series GMR7590
Micro-D Metal Shell, Right Angle Mount PCB
Save Space On Your Circuit Board - These Micro-D connectors feature .075 X .075 inch terminal spacing. Glenair's GMR7590 offers size and weight savings compared to traditional .100" pitch connectors. High Performance - Approved for British Standard BS9000, GMR7590 connectors meet the performance requirements of MIL-DTL-83513. Gold plated TwistPin contacts assure best electrical and mechanical performance.
HoW to oRDER GMR7590 RIGHt ANGLE .075" pItCH CoNNECtoRs
Number of Contact Contacts type 9 15 21 25 31 37 51 100 P
Pin
tail Length In. (mm.) 1 - .109" (2.76) 2 - .150" (3.81) 3 - .190" (4.83) 4 - .250" (6.35) 5 - Staggered
Tail Length Length in Inches .015 (0.38)
shell plating Finish A - Cadmium B - Nickel C - Allochrome D - Black
Anodize
Hardware option NN NU NM sU sM
- No Jackpost, No Threaded Insert -UN Threaded Insert Only, No Jackposts -Metric Threaded Insert Only, No Jackposts -Short Jackpost and UN Threaded Insert -Short Jackpost and Metric Threaded Insert
Gold-plated terminal Mod Code These connectors are solder-dipped in 63/37 tin-lead solder. to delete the solder dip and change to gold-plated terminals, add code 513
Socket
s
E - Gold
Rear panel Mount Jackposts and threaded Inserts UN Threads Metric Threads
tU VU WU XU YU
tM VM WM XM YM sU
Panel Thickness .094" (2.4) .062" (1.6) .047" (1.2) .031" (0.8) .023" (0.6)
SAMPLE PART NUMBER
GMR7590 JACkpost optIoNs
NN NU, NM sN sU, sM tU,VU,WU,XU,YU tM,VM,WM,XM,YM
Jackpost Installed, No Threaded Insert in PCB Mounting Hole
Jackpost With Threaded Insert
Jackpost for Rear Panel Mounting
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324/0CA77
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-28
GMR7590 Right Angle Micro-D Connectors
PERFoRMANCE sPECIFICAtIoNs
Current Rating DWV Insulation Resistance Contact Resistance Low Level Contact Resist. Magnetic Permeability Operating Temperature Shock, Vibration Mating Force 3 AMP 600 VAC Sea level 5000 Megohms Minimum 8 Milliohms Maximum 32 Milliohms Maximum 2 Maximum -55 C. to +150 C. 50 g., 20g. (10 Ounces) X (# of Contacts)
MAtERIALs AND FINIshEs
Aluminum Alloy 6061 or Stainless Steel, 300 Connector Shell Series, passivated. See Ordering Info for Plating Options Insulator, Tray Liquid Crystal Polymer (LCP) Interfacial Seal Flourosilicone Rubber, Blue Pin Contact Beryllium Copper Gold over Nickel Plating Socket Contact Copper Alloy Gold Over Nickel Plating PCB Terminals Gold Plated Copper Alloy, Solder Dipped Hardware 300 Series Stainless Steel Encapsulant Epoxy Resin Hysol EE4215
A B C E D F .150 (3.81) .015 (0.38) TAIL LENGTH .015 (0.38) .020 (0.5) .002 (0.1) G H .050 (1.27) .050 (1.27) STAGGERED LEADS
SIZES 9 THRU 51 MOUNTING HOLE IS .088/094 (2.24/2.39) SIZE 100 MOUNTING HOLE IS .145/.150 (3.68/3.81)
SIZES 9 THRU 51 THREAD SIZE IS #2-56 UNC OR M2. SIZE 100 THREAD SIZE IS #4-40 OR M3.
GMR7590 CoNNECtoR DIMENsIoNs
A Max. Layout 9P 9s 15P 15s 21P 21s 25P 25s 31P 31s 37P 37s 51P 51s 100P 100s In.
.785 .785 .935 .935 1.085 1.085 1.185 1.185 1.335 1.335 1.485 1.485 1.435 1.435 2.170 2.170
mm.
19.94 19.94 23.75 23.75 27.56 27.56 30.01 30.01 33.91 33.91 37.72 37.72 36.45 36.45 55.12 55.12
.005 .565 .565 .715 .715 .865 .865 .965 .965 1.115 1.115 1.265 1.265 1.215 1.215 1.800 1.800
In .
B
0.13
mm.
14.35 14.35 18.16 18.16 21.97 21.97 24.51 24.51 28.32 28.32 32.13 32.13 30.86 30.86 45.72 45.72
C Max. In .
.335 .400 .485 .550 .635 .700 .735 .800 .885 .950 1.035 1.100 .985 1.050 1.384 1.508
D Max. In .
.185 .251 .185 .251 .185 .251 .185 .251 .185 .251 .185 .251 .228 .294 .271 .394
E Max. In.
.310 .310 .310 .310 .310 .310 .310 .310 .310 .310 .310 .310 .351 .351 .394 .394
mm.
8.51 10.16 12.32 13.97 16.13 17.78 18.67 20.32 22.48 24.13 26.29 27.94 25.02 26.67 35.15 38.30
mm.
4.70 6.38 4.70 6.38 4.70 6.38 4.70 6.38 4.70 6.38 4.70 6.38 5.79 7.47 6.88 10.00
mm.
7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 7.87 8.92 8.92 10.00 10.00
.003 .183 .195 .183 .195 .183 .195 .183 .195 .183 .195 .183 .195 .183 .195 .183 .195
In .
F
0.08
mm.
4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95 4.65 4.95
G Max. In.
.400 .400 .400 .400 .400 .400 .400 .400 .400 .400 .400 .400 .490 .490 .660 .660
mm.
10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 12.45 12.45 16.76 16.76
.010 .250 .250 .250 .250 .250 .250 .250 .250 .250 .250 .250 .250 .300 .300 .400 .400
In.
H
mm.
0.25 6.35 6.35 6.35 6.35 6.35 6.35 6.35 6.35 6.35 6.35 6.35 6.35 7.62 7.62 10.16 10.16
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324/0CA77
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-29
Micro-D PCB
A B C D E F G H J K L M N P
Micro-D PCB
GMR7590 Right Angle Micro-D Connectors
A B C D E F
.075 (1.91)
1
GMR7590 CoNNECtoR PCB LAYoutS - PIN CoNNECtoRS
Patterns shown are for connector mounting side of PC board.
CONNECTOR FLANGE C L .133 (3.38)
1 6 2 7 3 8 4 9 5
CONNECTOR FLANGE .250 (6.35) .0375 (0.95)
1 9
.170 (4.32) C L
2 3 4 5 12 6 7 8 15
.250 (6.35)
.0375 (0.95)
.0375 (0.95) .075 (1.91)
.075 (1.91)
10 11 13 14
.075 (1.91)
.0375 (0.95)
.565 (14.35)
.075 (1.91) .715 (18.16)
9 PIN
CONNECTOR FLANGE .170 (4.32) C L
2 12 4 3 15 5 6 7 8 18 9 10 11 21 1
15 PIN
CONNECTOR FLANGE .250 (6.35)
2
.183 (4.65)
3 15 4 5
C L
8 9 11 12 21 10 24 13
.250 (6.35)
6 18 7
13 14 16 17 19 20
.0375 (0.95) .075 (1.91)
14 16 17 19 20 22 23 25
.075 (1.91)
.0375 (0.95) .075 (1.91)
G H J
1
.865 (21.97)
.965 (24.51)
21 PIN
CONNECTOR FLANGE .183 (4.65)
2 3 18 4 5 6 21 7
25 PIN
CONNECTOR FLANGE .250 (6.35) .183 (4.65)
2 1 3 21 4 5 6 24 7 8
C L
8 9 11 12 14 15 24 10 27 13 30 16
C L
9 11 12 14 15 17 18 27 10 30 13 33 16 36 19
.250 (6.35)
K L M N P
.075 (1.91)
17 19 20 22 23 25 26 28 29 31
.075 (1.91)
.0375 (0.95) .075 (1.91)
20 22 23 25 26 28 29 31 32 34 35 37
.075 (1.91)
.0375 (0.95) .075 (1.91)
1.115 (28.32)
1.265 (32.13)
31 PIN
CONNECTOR FLANGE .120 (3.05)
1 2 19 3 4 5 6 8 9 25 22 23 7
37 PIN
.263 (6.68) .300 (7.62)
1 2 27 3 4 5 30 6 7 8 33 9
CONNECTOR FLANGE .400 (10.16) .0375 (0.95)
C L
.0375 (0.95)
10 11 13 14 15 17 18 29 12 31 32 16 35
C L
10 11 13 14 16 17 19 20 22 23 25 26 36 12 39 15 42 18 45 21 48 24 51 65 66 68 69 71 72 74 75
28 29 31 32 34 35 37 38 40 41 43 44 46 47 49 50 52 53 55 56 58 59 61 62 77 54 80 57 83 60 86 63 64 90 67 93 70 96 73 99
20 21 39 24 42 26 28 45 30 48 33 34 36 37 38 40 41 43 27 44 46 47 49 50 51
.0375 (0.95) .075 (1.91)
1.215 (30.86)
88 89 91 GMR7590.075 (1.91) Angle Micro-D Connectors100 Right 76 78 79 81 82 84 85 87 .0375 (0.95) 92 94 95 97 98
.075 (1.91)
1.800 (45.72)
51 PIN
100 PIN
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324/0CA77
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-30
GMR7590 Right Angle Micro-D Connectors
GMR7590 CoNNECtoR PCB LAYoutS - SoCkEt CoNNECtoRS
Patterns shown are for connector mounting side of PC board.
CONNECTOR FLANGE C L .133 (3.38)
5 9 4 8 3 7 2 6 1
.565 (14.35) .250 (6.35) CONNECTOR FLANGE .0375 (0.95)
8 15
.170 (4.32) C L
7 5 6 12 4 3 2 9 1
.250 (6.35)
.0375 (0.95)
.0375 (0.95) .075 (1.91)
.075 (1.91) .075 (1.91)
14 13 11 10
.565 (14.35)
.0375 (0.95)
.075 (1.91) .715 (18.16)
9 SoCkEt
CONNECTOR FLANGE .170 (4.32) C L
11 10 21 8 9 18 7 6 5 4 15 3 2 12 1
15 SoCkEt
CONNECTOR FLANGE .250 (6.35) .183 (4.65)
12 11 9
C L
6 7 18 5 3 4 15 2 1
.250 (6.35)
8
13 24 10 21
20 19 17 16 14 13
.075 (1.91)
.0375 (0.95) .075 (1.91)
25 23 22 20 19 17 16 14
.075 (1.91)
.0375 (0.95) .075 (1.91)
.865 (21.97)
.965 (24.51)
21 SoCkEt
CONNECTOR FLANGE .183 (4.65)
15 14 12 11
25 SoCkEt
CONNECTOR FLANGE .250 (6.35) .183 (4.65) C L
9 8 6 7 24 5 3 4 21 2 1
C L
9 8 6 7 21 5 3 4 18 2 1
.250 (6.35)
18 17 15 14 12 11
16 30 13 27 10 24
19 36 16 33 13 30 10 27
31 29 28 26 25 23 22 20 19 17
.075 (1.91)
.0375 (0.95) .075 (1.91)
37 35 34 32 31 29 28 26 25 23 22 20
.075 (1.91)
.0375 (0.95) .075 (1.91)
1.115 (28.32)
1.265 (32.13)
31 SoCkEt
CONNECTOR FLANGE .120 (3.05)
35 16 32 31 12 29
37 SoCkEt
.263 (6.68) .300 (7.62) C L
8 9 33 7
CONNECTOR FLANGE .400 (10.16)
5 6 30 4 2 3 27 1
C L
9 25 8 6
.0375 (0.95)
5 4 2 3 19 1
26 25 23 22 20 19 17 16 14 13 11 10 51 24 48 21 45 18 42 15 39 12 36 75 74 72 71 69 68 66 65
18 17 15 14 13 11 10
.0375 (0.95)
7 23 22
50 49 47 46 44 43 41 40 38 37 35 34 32 31 29 28 62 61 59 58 56 55 53 52 99 73 96 70 93 67 90 64 63 86 60 83 57 80 54 77 100 98 97 95 94 92 91 89 88 87 85 84 82 81 79 78 76
34 33 48 30 45 28 26 42 24 39 21 20 51 50 49 47 46 44 27 43 41 40 38 37 36
.075 (1.91)
.0375 (0.95) .075 (1.91)
1.215 (30.86)
.075 (1.91)
.0375 (0.95) .075 (1.91)
1.800 (45.72)
51 SoCkEt
100 SoCkEt
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324/0CA77
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-31
Micro-D PCB
A B C D E F G H J K L M N P


▲Up To Search▲   

 
Price & Availability of GMR7590-15S1ANM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X